Part Number Hot Search : 
1SV69 MDP1601 C75W1 EGL341H KBP005M BC847 A12H200 2HP3101M
Product Description
Full Text Search
 

To Download TO-92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 8021-2 : DING-DONG SOUND EFFECT GENERATOR IC
__________________________________________________________________________
General Description The 8021-2 is a ding-dong sound effect generator IC produced by LSI CMOS technology. With built-in RC oscillator and digital envelope circuits, minimal external components are required. This IC simulates the mechanical ding-dong sound, and is ideal for door bell application.
Features - 1.3V to 3.3V operating voltage and low power consumption - One-shot mode of 2 ding-dong playing sequences - Standard TO-92 package form - Dynamic speaker can be driven with external NPN transistor
Absolute Maximum Ratings DC Supply Voltage ........................................... -0.3V to +5.0V Operating Ambient Temperature .................... -10C to 60C Storage Temperature ....................................... -55C to 125C
Electrical Characteristics (Vss=0V, Vdd=1.5V, Ta=25C, unless otherwise specified.) Parameter Symbol Min. Typ. Max. Conditions Operating voltage Vdd 1.3V 1.5V 3.3V Current stand-by Is 0.5A All terminal open operating Idd 0.5mA 1mA Osc. frequency Focs 102kHz 120kHz 144kHz
Pin assignment of TO-92 package form
Application Circuit
REV.9-98


▲Up To Search▲   

 
Price & Availability of TO-92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X